Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download SMZ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount diode zener silicon diodes smz 1 ... smz 200 (2w) maximum power dissipation: 2 w nominal z-voltage: 1 to 200 v features  
                
!"#$  %  &  '
( 
   ( 
    
 ) " *+,-    .  '
( 
   (  &  '
(
 /  mechanical data         0 1.$2345  6 ( 
 72 (  8        
9   :$%81$;+  
  ( 

  <  %  =( ( +      1) 
 
 9
 > +   
        8  >  8 %&2   

   
>  ?  7   
     
 9 @a@   
 @&@ 8 
7   9<  >  (  
9 
 
 (' 
 absolute maximum ratings 8 b + 7 
 >   symbol conditions values units  
 
>   
7 8 4 b +  2-  6  &% c
  '  = 
>   
7  d 2   # e 4        f 

9  2- "+ g06 e 8        f 

 2 g06 8 f .  ( f 
   $ +  h 2+  8 %
(    $ +  h 2;+  8< &  #
( # & i: &8 8   : &8 1<  e    8  
j
 # j e '   &  8 4 b +  # & # & & &8 i : &8 2 $" : e # e  & # # 4  k4 # 4 %& 2 3 - 7;2 7l 2 7+ *d2- $   $ 2 2 $ 2 %& 7 +7l 7 2 2 *d- $ 2  h  2 m27+ 33 %& 7l 7" ;7 2 2 *d-   h ; 2 m ;l %& ;7+ ; ;7! 2 2 *d-   h ; 2 m  +3 %& l7 ;7; l7; 2 2 *d- h 3  h l 2 m37+ 3 %& !72 l7+ !7 +  *d"- h 3  h l 2 m37+ l %& 2 !7" 27 +  *d"- h +  h ! 2 m + 2l! %& 22 27" 227 + " *d;- h +  h 2 2 m + 2; %& 2 227" 27; + " *d;- h +  h 2 2 m ; 2+; %& 23 27" 2"72 + + *d2- h +  h 2 2 m ; 2" %& 2+ 237l 2+7 + + *d2- h +  h 2 2 m 2 2l %& 2 2+73 2;72 +  *d2+- h   h 22 2 m 2 22; %& 2l 27l 2!72 +  *d2+- h   h 22 2 m 2 2+ %&  2l7l 27 +  *d2+- h   h 22 2 m 2 !" %&  7l 373 +  *d2+- h   h 22 2 m 2 l %& " 7l +7 + ; *d2+- h   h 22 2 m 2 ;l %& ; +7l l7! + ; *d2+- h   h 22 2 m 2" ! %& 3 l 3 + l *d2+- h   h 22 2 m 2" 3 %& 33 32 3+ + l *d2+- h   h 22 2 m 2; +; %& 3 3" 3l 2 2 *d"- h   h 22 2 m 2; +3 %& 3! 3; "2 2  *d"- h   h 22 2 m  "! %& "3 " " 2 " *d"+- h ;  h 2 2 m  "3 %& "; "" + 2 " *d"+- h ;  h 2 2 m " " %& +2 "l +" 2 + *d- h ;  h 2 2 m " 3; %& + +  2 + *d- h ;  h 2 2 m l 33 %&  +l  2 + *dl- h l  h 23 2 m l 3 %& l " ; 2 + *dl- h l  h 23 2 m 3" l %& ;+ ; ;! 2 3 *d2- h l  h 23 2 m 3" + %& l ;; ll 2 3 *d2- h l  h 23 2 m "2 3 %& !2 l+ ! + " *d- h !  h 23 2 m "2 2 %& 2 !" 2 +  *d- h !  h 23 2 m + 2! %& 22 2" 22 + l *d+- h !  h 23 2 m + 2; %& 2 22" 2; + l *d+- h !  h 23 2 m  2 %& 23 2" 2"2 + ! *d3- h !  h 23 2 m  2" %& 2+ 23l 2+ + 2*d3- h !  h 23 2 m ;+ 23 %& 2 2+3 2;2 + 22*d3+- h !  h 23 2 m ;+ 2 %& 2l 2l 2!2 + 2*d3+- h !  h 23 2 m ! 2 %&  2ll 2 + 2+*d3+- h !  h 23 2 m ! ! smz 1 ... smz 200 (2w) 1 09-03-2007 mam ? by semikron
surface mount diode zener silicon diodes smz 1 ... smz 200 (2w) maximum power dissipation: 2 w nominal z-voltage: 1 to 200 v features  
                
!"#$  %  &  '
( 
   ( 
    
 ) " *+,-    .  '
( 
   (  &  '
(
 /  mechanical data         0 1.$2345  6 ( 
 72 (  8        
9   :$%81$;+  
  ( 

  <  %  =( ( +      1) 
 
 9
 > +   
        8  >  8 %&2   

   
>  ?  7   
     
 9 @a@   
 @&@ 8 
7   9<  >  (  
9 
 
 (' 
 8< &  #
( # & i: &8 8   : &8 1<  e    8  
j
 # j e '   &  8 4 b +  # & # & & &8 i : &8 2 $" : e # e  & # # 4  k4 # 4 smz 1 ... smz 200 (2w) 2 09-03-2007 mam ? by semikron


▲Up To Search▲   

 
Price & Availability of SMZ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X